Part Number Hot Search : 
DC1206 TTC05101 2SK20 SLA5027 35507 00020 OP07DD CPC1983Y
Product Description
Full Text Search
 

To Download CEP-1172 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part No: CEP-1172 Description: piezo audio transducer
Date: 6/25/2007 Unit: mm Page No: 1 of 4
Specifications
Resonant frequency Operating voltage Current consumption Sound pressure level Rated voltage Operating temperature Storage temperature Dimensions Weight Material Terminal RoHS 3.3 KHz 0.5 3 ~ 28 V dc 7 mA max. at 12 V dc 81 db min. at 30 cm / 12 V dc 12 V dc -30 ~ +85 C -40 ~ +95 C o31.4 x H16.0 mm 6.7 g max. ABS UL-94 1/16" HB (Black) PIN type no
Appearance Drawing
Tolerance: 0.5
red wire ---M blue wire ---F black wire ---G
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CEP-1172 Description: piezo audio transducer
Date: 6/25/2007 Unit: mm Page No: 2 of 4
Measurement Method
M = Red wire F = Blue wire G = Black wire
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CEP-1172 Description: piezo audio transducer
Date: 6/25/2007 Unit: mm Page No: 3 of 4
Mechanical Characteristics
Item Solderability Evaluation Standard Test Condition 90% min. of the stripped wires Stripped wires of lead wires are immersed in will be wet with solder. rosin for 5 seconds and then immersed in a solder bath of +230 5C for 3 0.5 seconds. (Except the edge of the terminal) Lead terminals are immersed up to 1.5mm from No interference in operation. insulation in solder bath of 300 5C or 260 5C for 10 1 seconds. The force of 9.8N is applied to each terminal in No damage or cutting off. each axial direction for 10 seconds. The value of oscillation The buzzer shall be measured after applying frequency/current consumption a vibration amplitude of 1.5 mm with 10 to should be 10% of the initial 55 Hz band of vibration frequency to each of measurements. The SPL should the 3 perpendicular directions for 2 hours. be within 10dB compared with The part will be dropped from a height of the initial measurement. 75 cm onto a 40 mm thick wooden board 3 times in 3 axes (X, Y, Z) for a total of 9 drops.
Soldering Heat Resistance
Terminal Mechanical Strength Vibration
Drop Test
Environment Test
Item High temp. test Low temp. test Humidity test Temp. cycle test Test Condition After being placed in a chamber at +95C for 240 hours. After being placed in a chamber at -40C for 240 hours. After being placed in a chamber at +40C and 905% relative humidity for 240 hours. The part shall be subjected to 5 cycles. One cycle will consist of: Evaluation Standard
The buzzer will be measured after being placed at +25C for 4 hours. The value of the oscillation frequency/current consumption should be 10% compared to the initial measurements. The SPL should be within 10dB compared to the initial measurements.
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CEP-1172 Description: piezo audio transducer
Date: 6/25/2007 Unit: mm Page No: 4 of 4
Reliability Test
Item Operating (Life Test) Test Condition 1. Continuous life test: The part will be subjected to 48 hours of continuous operation at +70C with rated voltage applied. 2. Intermittent life test: A duty cycle of 1 minute on, 1 minute off, a minimum of 5,000 times at room temp (+25 2C) with rated voltage applied. Evaluation Standard The buzzer will be measured after being placed at +25C for 4 hours. The value of the oscillation frequency/current consumption should be 10% compared to the initial measurements. The SPL should be within 10dB compared to the initial measurements.
Test Conditions
Standard Test Condition Judgement Test Condition a) Tempurature: +5 ~ +35C a) Tempurature: +25 2C b) Humidity: 45 - 85% b) Humidity: 60 - 70% c) Pressure: 860-1060 mbar c) Pressure: 860-1060 mbar
Measurement Method
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062


▲Up To Search▲   

 
Price & Availability of CEP-1172

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X